Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS261 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 28Page - Texas Instruments TMDS261 Datasheet HTML 29Page - Texas Instruments TMDS261 Datasheet HTML 30Page - Texas Instruments TMDS261 Datasheet HTML 31Page - Texas Instruments TMDS261 Datasheet HTML 32Page - Texas Instruments TMDS261 Datasheet HTML 33Page - Texas Instruments TMDS261 Datasheet HTML 34Page - Texas Instruments TMDS261 Datasheet HTML 35Page - Texas Instruments TMDS261 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
SDA
SCL
DataLine
Stable;
DataValid
ChangeofData Allowed
T0394-01
DataOutput
by Transmitter
DataOutput
byReceiver
SCL From
Master
START
Condition
S
1
2
8
9
ClockPulsefor
Acknowledgement
Acknowledge
Not Acknowledge
T0395-01
SCL
SDA
MSB
Slave Address
Acknowledge
Data
Acknowledge
Stop
123456789123456789
T0396-01
TMDS261
SLLS953 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
transition occurs on the SDA line while SCL is high, as shown in Figure 38. All I2C-compatible devices should
recognize a start condition.
• The master then generates the SCL pulses and transmits the 7-bit address and the read/write direction bit
R/W on the SDA line. During all transmissions, the master ensures that data is valid. A valid data condition
requires the SDA line to be stable during the entire high period of the clock pulse (see Figure 39). All devices
recognize the address sent by the master and compare it to their internal fixed addresses. Only the slave
device with a matching address generates an acknowledge (see Figure 40) by pulling the SDA line low during
the entire high period of the ninth SCL cycle. On detecting this acknowledge, the master knows that a
communication link with a slave has been established.
• The master generates further SCL cycles to either transmit data to the slave (R/W bit 0) or receive data from
the slave (R/W bit 1). In either case, the receiver must acknowledge the data sent by the transmitter. So an
acknowledge signal can be generated either by the master or by the slave, depending on which one is the
receiver. The 9-bit valid data sequences consisting of 8-bit data and 1-bit acknowledge can continue as long
as necessary (See Figure 42 through Figure 45).
• To signal the end of the data transfer, the master generates a stop condition by pulling the SDA line from low
to high while the SCL line is high (see Figure 38). This releases the bus and stops the communication link
with the addressed slave. All I2C compatible devices must recognize the stop condition. Upon the receipt of a
stop condition, all devices know that the bus is released, and they wait for a start condition followed by a
matching address.
Figure 39. I2C Bit Transfer
Figure 40. I2C Acknowledge
Figure 41. I2C Address, Data Cycle(s), and Stop
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com