Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EEC Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
35
Ethernet: Three-Speed Ethernet, MII Management
8.5.2
MII Management AC Electrical Specifications
Table 39 provides the MII management AC timing specifications.
Table 38. MII Management DC Electrical Characteristics When Powered at 3.3 V
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage (3.3 V) NVDDA/NVDDB
—
2.97
3.63
V
Output high voltage
VOH
IOH = –1.0 mA
NVDDA or NVDDB = Min
2.10
NVDDA +0.3
or
NVDDB +0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDDA or LVDDB = Min
VSS
0.50
V
Input high voltage
VIH
—2.0
—
V
Input low voltage
VIL
——
0.80
V
Input high current
IIH
NVDDA or NVDDB = Max
VIN
1 = 2.1 V
—
40
μA
Input low current
IIL
NVDDA or NVDDB = Max
VIN = 0.5 V
–600
—
μA
Note:
1. Note that the symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 39. MII Management AC Timing Specifications
At recommended operating conditions with LVDDA/LVDDB is 3.3 V ± 0.3V or 2.5 V ± 5%
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
—2.5
—
MHz
2
MDC period
tMDC
—
400
—
ns
MDC clock pulse width high
tMDCH
32
—
—
ns
MDC to MDIO delay
tMDKHDX
10
—
170
ns
MDIO to MDC setup time
tMDDVKH
5—
—
ns
MDIO to MDC hold time
tMDDXKH
0—
—
ns
MDC rise time
tMDCR
—
—
10
ns
MDC fall time
tMDHF
—
—
10
ns
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes management
data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or data hold time.
Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach the valid state
(V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
2. This parameter is dependent on the csb_clk speed. (The MIIMCFG[Mgmt Clock Select] field determines the clock frequency
of the Mgmt Clock EC_MDC.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com