Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EEC Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
45
USB
9.3
SerDes Transmitter and Receiver Reference Circuits
Figure 33 shows the reference circuits for the SerDes data lane’s transmitter and receiver.
Figure 33. SerDes Transmitter and Receiver Reference Circuits
The SerDes data lane’s DC and AC specifications are defined in the interface protocol section listed below
(SGMII) based on the application usage:
•
Section 8.3, “SGMII Interface Electrical Characteristics
Please note that a external AC-coupling capacitor is required for the above serial transmission protocol
with the capacitor value defined in the specifications of the protocol section.
10 USB
10.1
USB Dual-Role Controllers
This section provides the AC and DC electrical specifications for the USB interface.
10.1.1
USB DC Electrical Characteristics
Table 41 provides the DC electrical characteristics for the USB interface.
Table 41. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2.0
LVDDB +0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
μA
High-level output voltage, IOH = –100 μAVOH
LVDDB – 0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
50
Ω
Receiver
Transmitter
TX
n
TX
n
RX
n
RX
n
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com