Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EEC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
20
Freescale Semiconductor
DUART
Figure 6 shows the DDR and DDR2 SDRAM output timing diagram.
Figure 6. DDR and DDR2 SDRAM Output Timing Diagram
Figure 7 provides the AC test load for the DDR bus.
Figure 7. DDR AC Test Load
7DUART
This section describes the DC and AC electrical specifications for the DUART interface.
7.1
DUART DC Electrical Characteristics
Table 22 provides the DC electrical characteristics for the DUART interface.
Table 22. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2.0
NVDD + 0.3
V
Low-level input voltage NVDD
VIL
–0.3
0.8
V
High-level output voltage, IOH = –100 μAVOH
NVDD – 0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Input current (0 V
≤VIN ≤ NVDD)IIN
—±5
μA
ADDR/CMD
tDDKHAS,tDDKHCS
tDDKHMH
tDDKLDS
tDDKHDS
MDQ[
x]
MDQS[
n]
MCK[
n]
MCK[
n]
tMCK
tDDKLDX
tDDKHDX
D1
D0
tDDKHAX, tDDKHCX
Write A0
NOOP
tDDKHME
tDDKHMP
Output
Z0 = 50 Ω
GVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com