Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EEC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
6
Freescale Semiconductor
Electrical Characteristics
1.10
Serial Peripheral Interface (SPI)
The serial peripheral interface (SPI) allows the MPC8313E to exchange data between other PowerQUICC
family chips, Ethernet PHYs for configuration, and peripheral devices such as EEPROMs, real-time
clocks, A/D converters, and ISDN devices.
The SPI is a full-duplex, synchronous, character-oriented channel that supports a four-wire interface
(receive, transmit, clock, and slave select). The SPI block consists of transmitter and receiver sections, an
independent baud-rate generator, and a control unit.
1.11
DMA Controller, Dual I2C, DUART, Local Bus Controller, and
Timers
The MPC8313E provides an integrated four-channel DMA controller with the following features:
•
Allows chaining (both extended and direct) through local memory-mapped chain descriptors
(accessible by local masters)
•
Supports misaligned transfers
There are two I2C controllers. These synchronous, multi-master buses can be connected to additional
devices for expansion and system development.
The DUART supports full-duplex operation and is compatible with the PC16450 and PC16550
programming models. The 16-byte FIFOs are supported for both the transmitter and the receiver.
The MPC8313E local bus controller (LBC) port allows connections with a wide variety of external DSPs
and ASICs. Three separate state machines share the same external pins and can be programmed separately
to access different types of devices. The general-purpose chip select machine (GPCM) controls accesses
to asynchronous devices using a simple handshake protocol. The three user programmable machines
(UPMs) can be programmed to interface to synchronous devices or custom ASIC interfaces. Each chip
select can be configured so that the associated chip interface can be controlled by the GPCM or UPM
controller. The FCM provides a glueless interface to parallel-bus NAND Flash E2PROM devices. The
FCM contains three basic configuration register groups—BRn, ORn, and FMR. Both may exist in the
same system. The local bus can operate at up to 66 MHz.
The MPC8313E system timers include the following features: periodic interrupt timer, real time clock,
software watchdog timer, and two general-purpose timer blocks.
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8313E. The MPC8313E is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com