Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EEC Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
93
System Design Information
Figure 61. JTAG Interface Connection
HRESET
HRESET
From Target
Board Sources
HRESET
13
SRESET
SRESET
SRESET
NC
NC
11
VDD_SENSE
6 1
5
15
2 k
Ω
10 k
Ω
10 k
Ω
NVDD
NVDD
NVDD
CHKSTP_IN
CHKSTP_IN
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
12
(if any)
14 2
Notes:
2. Key location; pin 14 is not physically present on the COP header.
NVDD
NVDD
10 k
Ω
NVDD
TRST
10 k
Ω
NVDD
10 k
Ω
10 k
Ω
CHKSTP_OUT
CHKSTP_OUT
3
13
9
5
1
6
10
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pin Out
1
2
NC
PORESET
PORESET
1. Some systems require power to be fed from the application board into the debugger repeater card
via the COP header. In this case the resistor value for VDD_SENSE should be around 20
Ω.
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com