Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EEC Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
38
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
9.2
SerDes Reference Clocks
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by
the corresponding SerDes lanes. The SerDes reference clocks input is SD_REF_CLK and SD_REF_CLK
for SGMII interface.
The following sections describe the SerDes reference clock requirements and some application
information.
9.2.1
SerDes Reference Clock Receiver Characteristics
Figure 23 shows a receiver reference diagram of the SerDes reference clocks.
•
The supply voltage requirements for XCOREVDD are specified in Table 1 and Table 2.
•
SerDes reference clock receiver reference circuit structure:
— The SD_REF_CLK and SD_REF_CLK are internally AC-coupled differential inputs as shown
in Figure 23. Each differential clock input (SD_REF_CLK or SD_REF_CLK) has a 50-
Ω
termination to XCOREVSS followed by on-chip AC coupling.
— The external reference clock driver must be able to drive this termination.
— The SerDes reference clock input can be either differential or single-ended. Refer to the
differential mode and single-ended mode description below for further detailed requirements.
•
The maximum average current requirement that also determines the common mode voltage range:
— When the SerDes reference clock differential inputs are DC coupled externally with the clock
driver chip, the maximum average current allowed for each input pin is 8 mA. In this case, the
exact common mode input voltage is not critical as long as it is within the range allowed by the
maximum average current of 8 mA (refer to the following bullet for more detail), since the
input is AC-coupled on-chip.
— This current limitation sets the maximum common mode input voltage to be less than 0.4 V
(0.4 V/50 = 8 mA) while the minimum common mode input level is 0.1 V above XCOREVSS.
For example, a clock with a 50/50 duty cycle can be produced by a clock driver with output
driven by its current source from 0 to 16 mA (0–0.8 V), such that each phase of the differential
input has a single-ended swing from 0 V to 800 mV with the common mode voltage at 400 mV.
— If the device driving the SD_REF_CLK and SD_REF_CLK inputs cannot drive 50
Ω to
XCOREVSS DC, or it exceeds the maximum input current limitations, then it must be
AC-coupled off-chip.
•
The input amplitude requirement. This requirement is described in detail in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com