Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EEC Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
63
Package and Pin Listings
Figure 55 shows the SPI timing in master mode (internal clock).
Figure 55. SPI AC Timing in Master Mode (Internal Clock) Diagram
19 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8313E is available in
a thermally enhanced plastic ball grid array (TEPBGAII), see Section 19.1, “Package Parameters for the
MPC8313E TEPBGAII,” and Section 19.2, “Mechanical Dimensions of the MPC8313E TEPBGAII,” for
information on the TEPBGAII.
19.1
Package Parameters for the MPC8313E TEPBGAII
The package parameters are as provided in the following list. The package type is 27 mm
× 27 mm,
516 TEPBGAII.
Package outline
27 mm
× 27 mm
Interconnects
516
Pitch
1.00 mm
Module height (typical)
2.25 mm
Solder Balls
95.5 Sn/0.5 Cu/4 Ag (VR package),
62 Sn/36 Pb/2 Ag (ZQ package)
Ball diameter (typical)
0.6 mm
SPICLK (Output)
tNIIXKH
tNIKHOV
Input Signals:
SPIMISO
(See Note)
Output Signals:
SPIMOSI
(See Note)
Note: The clock edge is selectable on SPI.
tNIIVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com