Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC0104C Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 12Page - ATMEL Corporation AT88SC0104C Datasheet HTML 13Page - ATMEL Corporation AT88SC0104C Datasheet HTML 14Page - ATMEL Corporation AT88SC0104C Datasheet HTML 15Page - ATMEL Corporation AT88SC0104C Datasheet HTML 16Page - ATMEL Corporation AT88SC0104C Datasheet HTML 17Page - ATMEL Corporation AT88SC0104C Datasheet HTML 18Page - ATMEL Corporation AT88SC0104C Datasheet HTML 19Page - ATMEL Corporation AT88SC0104C Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
13
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
5.
Communication Security Modes
Communication between the device and host operates in three basic modes: Standard, Authen-
tication and Encryption Modes. The Standard Mode is the default mode for the device after
power-up. Special procedures exist for enabling Authentication and Encryption Modes but are
beyond the scope of this document. Information pertaining to use of Authentication and Encryp-
tion Modes of CryptoMemory is available from Atmel under Non-Disclosure and/or Limited
Licensing Agreements (NDA and/or LLA).
5.1
Security Operations
5.1.1
Password Verification
The use of passwords protects read and write accesses to the user zones. Any one of 8 pass-
word sets is available for assignment to any user zone through configuration of access registers.
CryptoMemory provides separate 24-bit passwords for read and write operations. Read pass-
words grant only read accesses to zones under password protection, while write passwords
grant both read and write accesses. Successful presentation of any password renders the verify
password command active until the presentation of another password or device reset. Only one
password may be active at a time. Presenting incorrect passwords decrements the value of the
corresponding password attempts counter (PAC). Decrementing the PAC to $00 permanently
disables the corresponding password and permanently renders the corresponding user zone(s)
under protection inaccessible. Operation in authentication or encryption modes requires encryp-
tion of passwords for all password transactions.
Figure 5-1.
Password Verification
5.1.2
Mutual Authentication
The mutual authentication mode employs cryptographic technology that allows the device to
authenticate the host, and the host to authenticate the device prior to any data communication
between the two. Additional information on using mutual authentication is available from Atmel
under NDA and/or LLA.
Table 5-1.
Communication Security Modes
Mode
Configuration Data
User Data
Passwords
Data Integrity Check
Standard/Password
clear
clear
clear
n/a
Authentication
clear
clear
encrypted
MAC
Encryption
clear
encrypted
encrypted
MAC
Configuration data includes the entire configuration memory except the passwords.
MAC: Message Authentication Code.
CryptoMemory Device
Allow Access
Command/Communication
Host Logic
Verify Password
Verify Password
Send Password
encrypted if performed
after Mutual Authentication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com