| Electronic Components Datasheet Search |
|
AT88SC0104C Datasheet(PDF) 47 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C Datasheet(HTML) 47 Page - ATMEL Corporation |
|
47 / 58 page ![]() 44 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C 8.5.4 System READ: $B6 8.5.4.1 Functional Figure 8-4. System READ Command Functional Description The System Read command allows reading of the system data from the device. Depending on the value of the P1 parameter, the host may read the data in the configuration memory, or the fuses. 8.5.4.2 Read Config Zone To read 256 bytes, the host should set N = $00. This is true for any outgoing command, and is defined by ISO 7816-3. If the address provided at P2 is an unauthorized address, the device will return the "Command Unauthorized" code ($69 $00) after it has received the header. Since access rights vary throughout the configuration memory, the host may provide an authorized starting address, but a number of bytes N that causes the device to reach unauthorized address. In this case, the device will transmit the authorized bytes, but unauthorized bytes will be replaced by the "fuse byte" (see below). At the end of this command the "Command Unauthor- ized" code ($69 $00) will be returned instead of $90 $00 to indicate that some of the bytes returned were not valid. Device Command Parameter P1 Parameter P2 Number of Bytes N Host N data bytes Data ... Data Table 8-11. System READ Command Detail Command CLA INS P1 P2 P3 Read Config Zone $00 $B6 $00 addr N Read Fuse Byte $00 $B6 $01 $00 $01 Table 8-12. System READ System READ Data Returned CLA INS : Command P1 P2 P3 Data(1) ... Data(N) ** $B6 p 7--- ---p0 p 7--- ---p0 n 7 --- n0 d 7--- ---d0 ... d 7--- ---d0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |