| Electronic Components Datasheet Search |
|
AT88SC0104C Datasheet(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C Datasheet(HTML) 45 Page - ATMEL Corporation |
|
45 / 58 page ![]() 42 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C 8.5.3 System WRITE: $B4 8.5.3.1 Functional Figure 8-3. System WRITE Command Functional Description The System Write command allows writing of system data to the device. Depending on the value of the P1 parameter, the host may write data in the configuration memory, program the fuses or set the user zone. The anti-tearing function is controlled by P1: the host may choose to write in the configuration memory with anti-tearing enabled by setting P1 = $08 instead of $00. Similarly, the host may choose to activate anti-tearing for a user zone by carrying out the Set User Zone command with P1 = $0B instead of $03. All subsequent Write User Zone commands are then carried out with anti-tearing enabled until the next Set User Zone command. Anti-tearing should be turned off if not required, as it would otherwise cause more write cycles than necessary. Device Command Parameter P1 Parameter P2 Number of Bytes N Data ... Data Host N data bytes Table 8-7. System WRITE Command Detail Command CLA INS P1 P2 P3 Data(N) Write Config Zone (Devices 0104C-1616C) $00 $B4 $00 addr N ≤$10 N bytes Write Config Zone (Devices 3216C-6416C) $00 $B4 $00 addr N ≤$40 N bytes Write Config Zone (Devices 12816C-25616C) $00 $B4 $00 addr N ≤$80 N bytes Write Fuses $00 $B4 $01 fuse ID $00 Set User Zone $00 $B4 $03 zone $00 Table 8-8. Anti-Tearing Command CLA INS P1 P2 P3 Data(N) Write Config Zone w/a-t $00 $B4 $08 addr N ≤$08 N bytes Set User Zone w/a-t $00 $B4 $0B zone $00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |