| Electronic Components Datasheet Search |
|
AT88SC0104C Datasheet(PDF) 30 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C Datasheet(HTML) 30 Page - ATMEL Corporation |
|
30 / 58 page ![]() 27 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C • Write Commands: ACK polling required except encrypted write commands. Any command may be used. • Set commands: No ACK polling required. • Verify commands: ACK polling required with B2 or B6 commands only. The following table lists the specific requirements for ACK polling and the maximum expected delay before the device will ACK indicating readiness for the next command. Note: Delays are based on operation at 25 ° C. See Table 10-3 on page 51 7.5 Device Addressing The first nibble of the command byte corresponds to the device address. All CryptoMemory devices will respond to the device address $B. A specific device may be set to respond to another value ($0 to $F) in addition to $B by setting this value in the second nibble of the Device Configuration Register (DCR) in the configuration memory. The DCR is set to $FF at the Atmel factory and thus will respond to device address $B and $F unless the DCR is modified. For a device to respond only to $B the DCR should be set to $B also. 7.6 Command Descriptions In the following section operations are described in two parts: the instruction is described first from a functional point of view (parameters and data exchanged), after which they are detailed for the synchronous two-wire protocol. In these diagrams, values are shown in binary format with bits to the left transmitted first, i.e. bytes are transmitted most significant bit first. Table 7-2. Minimum Delay for ACK Polling for each Command Command Description Command Addr 1 Addr 2 N ACK Polling CMD Delay Write User Zone Normal $B0 addr addr N Required, any CMD 5ms Normal with Anti-Tearing Encrypted $B0 addr addr N Required, any CMD 20ms $B0 addr addr N No, Send Checksum 0 Encrypted with Anti-Tearing $B0 addr addr N No, Send Checksum 0 Read User Zone $B2 addr addr N Not Required 0 System Write Write Config Zone $B4 $00 addr N Required, any CMD 5ms Write Fuses $B4 $01 fuse ID $00 Required, any CMD 5ms Set User Zone $B4 $03 zone $00 Not Required 0 Write Config Zone with Anti- Tearing $B4 $08 addr N Required, any CMD 20ms Set User Zone with Anti- Tearing $B4 $0B zone $00 Not Required 0 System Read Read Config Zone $B6 $00 addr N Not Required 0 Read Fuse Byte $B6 $01 $00 $01 Not Required 0 Verify Password Write Password $BA $0X $00 $01 Required; B2 or B6 only 10ms Read Password $BA $1X $00 $03 Required; B2 or B6 only 10ms |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |