Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC0104C Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 27Page - ATMEL Corporation AT88SC0104C Datasheet HTML 28Page - ATMEL Corporation AT88SC0104C Datasheet HTML 29Page - ATMEL Corporation AT88SC0104C Datasheet HTML 30Page - ATMEL Corporation AT88SC0104C Datasheet HTML 31Page - ATMEL Corporation AT88SC0104C Datasheet HTML 32Page - ATMEL Corporation AT88SC0104C Datasheet HTML 33Page - ATMEL Corporation AT88SC0104C Datasheet HTML 34Page - ATMEL Corporation AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
28
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
7.6.1
Write User Zone: $B0
7.6.1.1
Functional
Figure 7-3.
Write User Zone Command Functional Description
The Write User Zone command $B0 allows writing of data in the device's currently selected user
zone (the procedure for selecting a user zone is described below, see Section 7.6.3 on page
30).
The data byte address to be written is defined by Address 1 and Address 2 in the command.
The value N defines how many bytes are to be written. The maximum number of bytes that may
be written is as follows;
• $10 for AT88SC0104C through AT88SC1616C (EEPROM page size of 16 bytes)
• $40 for AT88SC3216C and AT88SC6416C (EEPROM page size of 64 bytes)
• $80 for AT88SC12816C and AT88SC25616C (EEPROM page size of 128 bytes)
In anti-tearing mode the maximum value for N is $08 for all devices. A write in anti-tearing mode
is activated with the Set User Zone with Anti-Tearing command, all subsequent writes to the
user zone will be in anti-tearing mode. A write may be started in the middle of an EEPROM
page but should not extend past the end of the page.
If the host is not allowed to write in the zone, the device will not acknowledge the N byte. After
this command the host must perform ACK polling.
Device
Command
Address 1
Address 2
Number of Bytes N
Data
...
Data
Host
N data bytes
S
T
A
R
T
S
T
O
P
Command
Address 1
Address 2
Data
Data x N
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
1011 0000
xxxx xxxx
xxxx xxxx
xxxx xxxx
d7--- ---d0
d7--- ---d0
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com