Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC0104C Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation AT88SC0104C Datasheet HTML 36Page - ATMEL Corporation AT88SC0104C Datasheet HTML 37Page - ATMEL Corporation AT88SC0104C Datasheet HTML 38Page - ATMEL Corporation AT88SC0104C Datasheet HTML 39Page - ATMEL Corporation AT88SC0104C Datasheet HTML 40Page - ATMEL Corporation AT88SC0104C Datasheet HTML 41Page - ATMEL Corporation AT88SC0104C Datasheet HTML 42Page - ATMEL Corporation AT88SC0104C Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
36
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
After the ATR, the reader will have the choice of proceeding with commands using default val-
ues of F=372 and D=1 (9600 baud at 3.5712 MHz), or negotiating values Fn and Dn through a
PPS exchange. Following are four examples of PPS requests and responses:
8.3.1
Example 1
We assume the CryptoMemory ATR contains the byte TA(1) = 15h, indicating that it is capable
of using F=372 and D=16, leading to a baud rate of 153,600 baud at 3.5712 MHz. Assuming that
this is the maximum speed supported by the device, the reader immediately attempts to set the
F and D parameters leading to these values.
• PPS_request =$FF $10 $15 $FA
• PPS_response = $FF $10 $15 $FA
The newly negotiated values are effective immediately following this exchange, so that the ETU,
or duration of one bit on I/O, will now be 23 clock cycles instead of 372.
8.3.2
Example 2
The reader insists on negotiating Fn and Dn equal to the default values, even though these
would be used by default without the use of a PPS exchange. The two ways of doing this are by
sending PPS1_request = $11 or not sending PPS1_request at all.
• PPS_request = $FF $10 $11 $FE
• PPS_response= $FF $10 $11 $FE
or
• PPS_request= $FF $00 $FF
• PPS_response = $FF $00 $FF
8.3.3
Example 3
The reader attempts to negotiate values that are not supported by the CryptoMemory device. In
its response, the CryptoMemory proposes to continue with F and D, by not sending
PPS1_response. Even though new Fn and Dn values aren’t negotiated, this scenario is still con-
sidered a “successful” exchange according to ISO 7816.
• PPS_request= $FF $10 $45 $AA
• PPS_response= $FF $00 $FF
8.3.4
Example 4
If the reader attempts to change the protocol to any protocol other than T = 0, such as T = 1, the
CryptoMemory will indicate that it only supports T = 0.
• PPS_request= $FF $01 $FE
• PPS_response= $FF $00 $FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com