Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7809G Datasheet HTML 1Page - Infineon Technologies AG TLE7809G Datasheet HTML 2Page - Infineon Technologies AG TLE7809G Datasheet HTML 3Page - Infineon Technologies AG TLE7809G Datasheet HTML 4Page - Infineon Technologies AG TLE7809G Datasheet HTML 5Page - Infineon Technologies AG TLE7809G Datasheet HTML 6Page - Infineon Technologies AG TLE7809G Datasheet HTML 7Page - Infineon Technologies AG TLE7809G Datasheet HTML 8Page - Infineon Technologies AG TLE7809G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
PG-DSO-28-21
Type
Package
Marking
TLE7809G
PG-DSO-28-21
TLE7809G
Data Sheet
3
Rev. 3.01, 2008-04-15
Integrated double low-side switch, high-side/LED
driver, hall supply, wake-up inputs and LIN
communication with embedded MCU (16kB Flash)
TLE7809G
1Overview
Relay Driver - System Basis Chip
•
Low-Dropout Voltage Regulator (LDO)
•
LIN Transceiver
•
Standard 16-bit SPI-Interface
•2
× Low-Side Switches, e.g. as Relay Driver
•2
× Supply e.g. for Hall Sensor Supply / LED Driver
•5
× High-Voltage Wake-Up Inputs
•
Programmable. Window Watchdog & Power Saving Modes
•
Power-On and Undervoltage Reset Generator
•
Overtemperature Protection
•
Short Circuit Protection
8-bit Microcontroller
•
Compatible to 8051
μC Core
•
Two clocks per machine cycle
•
8kByte Boot ROM for test and Flash routines
•
LIN Bootloader (Boot ROM)
•
256 Byte RAM / 512 Byte XRAM
•
16kByte Flash Memory for Program Code & Data
•
On-Chip Oscillator
•
Power Saving Modes (slow-down & idle mode)
•
Programmable Watchdog Timer
•
10-bit A/D Converter, e.g. for Temperature &
V
bat-Measurement
•
Three 16-bit Timers & Capture/Compare Unit
•
General Purpose I/Os, e.g. with PWM Functionality
•
On-Chip Debug Support (JTAG)
•
UART and Synchronous Serial Channel (SSC respective SPI)
General Characteristics
•
Package PG-DSO-28-21
•
Temperature Range
T
J: -40 °C up to 125 °C (for industrial applications)
•
Green Package (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com