Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 31Page - Infineon Technologies AG TLE7809G Datasheet HTML 32Page - Infineon Technologies AG TLE7809G Datasheet HTML 33Page - Infineon Technologies AG TLE7809G Datasheet HTML 34Page - Infineon Technologies AG TLE7809G Datasheet HTML 35Page - Infineon Technologies AG TLE7809G Datasheet HTML 36Page - Infineon Technologies AG TLE7809G Datasheet HTML 37Page - Infineon Technologies AG TLE7809G Datasheet HTML 38Page - Infineon Technologies AG TLE7809G Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Data Sheet
35
Rev. 3.01, 2008-04-15
TLE7809G
General Product Characteristics
16.4
Electrical Characteristics
Table 14
Electrical Characteristics
V
S = 13.5 V, Tj = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Current Consumption @ Pin
V
S
16.4.1
Current Consumption
(MCM):
I
MCM_norm = ISBC_AM
+
I
µC_NM
I
MCM_norm
–
24
30
mA
T
j = -40 … 85 °C;
SBC: active mode
μC: normal mode
16.4.2
Current Consumption
(SBC): SBC Active Mode
I
SBC_AM
–3
5
mA
T
j = -40 … 85 °C;
w/o data transmission;
only SBC; all switches “off”
16.4.3
Current Consumption
(
μC): Normal Mode
I
µC_NM
–21
25
mA
T
j = -40 … 85 °C;
only
μC
16.4.4
Quiescent Current
(MCM): STOP Mode
I
MCM_Stop
–60
95
μA
T
j = -40 … 85 °C;
I
MCM = ISBC + IµC
16.4.5
SBC STOP Mode
with “cyclic wake”
I
SBC_Stop
––
80
16.4.6
SBC STOP Mode
without “cyclic wake”
I
SBC_Stop
–50
65
16.4.7
μC Power Down Mode
I
µC_Stop
–10
30
16.4.8
Quiescent Current
(MCM): STANDBY
I
MCM_Stby
––
95
μA
T
j = -40 … 85 °C;
I
MCM = ISBC + IµC
Supply Output (Hall
Supply) turned-off
16.4.9
μC Power Down Mode
I
µC_PWR_DWN –10
30
16.4.10
SBC STANDBY Mode
I
SBC_Stby
–50
65
16.4.11
SBC STANDBY Mode
I
SBC_Stby
–
250
800
μA
Quiescent Current @
T
j = -40 … 85 °C; Supply
Output (Hall Supply)
turned-off; after LIN
wake-up/power-up
16.4.12
Quiescent Current (MCM):
Sleep Mode
I
MCM_Sleep
–25
40
μA
T
j = -40 … 85 °C;
I
MCM = ISBC + IµC;
μC “turned-off”
Voltage Regulator; Pin
V
CC
16.4.13
Output voltage
V
CC
4.9
5.0
5.1
V
1 mA <
I
CC < 45 mA;
5.5 V <
V
S < 27 V;
C
L ≥ 1 μF; ESR < 6 Ω
16.4.14
Line regulation
ΔV
CC
–
–
20
mV
5.5 V <
V
S < 27 V;
I
CC = 1 mA
16.4.15
Load regulation
ΔV
CC
–
–
50
mV
1 mA <
I
CC < 45 mA;
5.5 V <
V
S < 27 V
16.4.16
Power supply ripple
rejection1)
PSRR
–40
–
dB
V
r = 1 Vpp; fr = 100 Hz;
C
VCC = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com