Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 13Page - Infineon Technologies AG TLE7809G Datasheet HTML 14Page - Infineon Technologies AG TLE7809G Datasheet HTML 15Page - Infineon Technologies AG TLE7809G Datasheet HTML 16Page - Infineon Technologies AG TLE7809G Datasheet HTML 17Page - Infineon Technologies AG TLE7809G Datasheet HTML 18Page - Infineon Technologies AG TLE7809G Datasheet HTML 19Page - Infineon Technologies AG TLE7809G Datasheet HTML 20Page - Infineon Technologies AG TLE7809G Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Data Sheet
17
Rev. 3.01, 2008-04-15
TLE7809G
ADC Measurement Interface
Further details on the implementation of the calibration function and location of the calibration figures in Flash
memory can be found in a dedicated application note. The voltage measurement target parameters can be found
in “ADC Battery Voltage Measurement Interface, VBAT_SENSE” on Page 43.
6.2
Temperature Measurement
In the temperature measurement mode the typical internal analog output voltage of the on-chip temperature
sensor can be described with the first order approximation:
(4)
Where:
•
T
j is the junction temperature in Kelvin
•moand m1 are typical linear fitting parameters
(see Table “ADC Temperature Measurement Interface” on Page 43)
The output code of the ADC is given by the following equation, where
V
AREF and N denote the ADC reference
voltage and the resolution of the ADC:
(5)
The junction temperature
T
J corresponding to the output code CA is given by:
[unit: K]
(6)
273.15 °C need to be subtracted to convert
T
j [K] into Centigrade Scale [°C].
The temperature measurement target parameters can be found in“ADC Temperature Measurement Interface”
on Page 43.
6.2.1
Temperature Measurement Calibration Concept
Best measurement accuracy can be obtained by applying the calibration function:
(7)
The calibration coefficients f0 / 1 are computed during the production test and stored in the flash memory of the
microcontroller.
The selection between battery voltage and temperature measurement is done via SPI bit (see “SPI (Serial
Peripheral Interface)” on Page 19).
Further details on the implementation of the calibration function and location of the calibration figures can be found
in a dedicated application note.
VA m0 m1 Tj
×
–
≈
CA
round
VA Tj
()
2
N
1
–
()
VAREF
--------------------
×
,
VA VAREF
≤
=
Tj
1
m1
------- m0
CA Tj
() VAREF
×
2
N
1
–
---------------------------------------
–
=
TCAL 586 f0 2
1
–
•
+
2 2
–
f1 2
10
–
•
+
[]
–
CA Tj
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com