Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 15Page - Infineon Technologies AG TLE7809G Datasheet HTML 16Page - Infineon Technologies AG TLE7809G Datasheet HTML 17Page - Infineon Technologies AG TLE7809G Datasheet HTML 18Page - Infineon Technologies AG TLE7809G Datasheet HTML 19Page - Infineon Technologies AG TLE7809G Datasheet HTML 20Page - Infineon Technologies AG TLE7809G Datasheet HTML 21Page - Infineon Technologies AG TLE7809G Datasheet HTML 22Page - Infineon Technologies AG TLE7809G Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Data Sheet
19
Rev. 3.01, 2008-04-15
TLE7809G
SPI (Serial Peripheral Interface)
8
SPI (Serial Peripheral Interface)
Control and status information between SBC and
μC is exchanged via a digital interface, that is called “serial
peripheral interface” (SPI) on the SBC side, and “synchronous serial channel” (SSC) on the
μC side. The 16-bit
wide Programming or Input Word of the SBC (see Table 2 to Table 8) is read in via the data input DI (with “LSB
first”), which is synchronized with the clock input CLK supplied by the
μC. The Diagnosis or Output Word appears
synchronously at the data output DO (see Table 9).
The transmission cycle begins when the chip is selected by the Chip Select Not input CSN (“low” active). After the
CSN input returns from L to H, the word that has been read in becomes the new control word. The DO output
switches to tri-state status at this point, thereby releasing the DO bus for other usage.
The state of DI is shifted into the input register with every falling edge on CLK. The state of DO is shifted out of
the output register after every rising edge on CLK. The number of received input clocks is supervised by a modulo-
16 operation and the Input/Control Word is discarded in case of a mismatch.
This error is flagged by a “high” at the data output pin DO (interconnect to
μC: P1.4) of the following SPI output
word before the first rising edge of the clock is received. Additionally the logic level of DO will be “OR-ed” with the
logic level of DI (P1.3).
Note: After wake-up from low-power modes the device needs to be set to Active Mode first before switches like
LS1, LS2, Supply Output and LED Driver can be turned on with the second SPI command.
Figure 10
16-Bit SPI Input Data / Control Word
15 14 13 12 11 10
8
9
7
6
5
4
3
2
0
1
Mode Selection
Bits
Configuration
Select
Configuration Registers
Supply
Output
On/Off
WD
On/Off
Input
Data
Active
Active
LIN Sleep
Sleep
Reserved
000
001
010
011
100
101
00
10
Reset
Thres*
Reset
Delay*
Window Watchdog Timing
Bit Position: 10 .. 5
MON2
On/Off*
MON3
On/Off*
MON4
On/Off*
110
111
11
01
LIN
10.4k*
MON1
On/Off*
ADC
Vbat/
Vtemp*
Reserved
(Watchdog Trigger Register )
LS1
On/Off
LS2
On/Off
MON5
On/Off*
not valid
Meas.
I/F
On/Off
Cyclic Wake Timing*
Bit Position: 9 .. 5
HS-LED
OV/UV
disable
HS-LED
On /Off
0**
not valid
not valid
LIN RxD Only
Stop
LSB
MSB
MS0
MS1
MS2
CS0
CS1
Reserved
* remains unchanged after Vcc-UV or WD-RESET
** if bit set to „1" command will be ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com