Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 29Page - Infineon Technologies AG TLE7809G Datasheet HTML 30Page - Infineon Technologies AG TLE7809G Datasheet HTML 31Page - Infineon Technologies AG TLE7809G Datasheet HTML 32Page - Infineon Technologies AG TLE7809G Datasheet HTML 33Page - Infineon Technologies AG TLE7809G Datasheet HTML 34Page - Infineon Technologies AG TLE7809G Datasheet HTML 35Page - Infineon Technologies AG TLE7809G Datasheet HTML 36Page - Infineon Technologies AG TLE7809G Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Data Sheet
33
Rev. 3.01, 2008-04-15
TLE7809G
General Product Characteristics
16
General Product Characteristics
16.1
Absolute Maximum Ratings
Table 12
Absolute Maximum Ratings1)
T
j = -40 °C to +125 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
16.1.1
Supply voltage
V
S
-0.3
40
V
–
16.1.2
Regulator output voltage
V
CC
-0.3
5.5
V
–
16.1.3
Input voltage at MON1-4
V
MONx
V
S - 40
40
V
also for pulses according to
ISO 7637; external series
resistor
R > 1.0 kΩ required
16.1.4
Input voltage at MON5/HS_LED
(output)
V
MON5
V
S - 40
V
S + 0.3
V
MON5 input voltage limited
due to LED driver
functionality.
R > 1.0 kΩ required
16.1.5
Input voltage at
V
BAT_SENSE
V
BATSENSE
V
S - 40
40
V
also for pulses according to
ISO 7637; external series
resistor
R > 1.0 kΩ required
16.1.6
Low-Side Switches LSx
V
LSx
-0.3
V
LSx_CL
V
limited by output clamping
voltage & clamping energy
16.1.7
SUPPLY Output
V
Supply
-0.3
V
S + 0.3
V
–
16.1.8
Logic input voltages (TMS, TCK,
TDI, CLKIN)
V
I
-0.3
V
CC +
0.3
V0 V <
V
S < 27 V
0 V <
V
CC < 5.5 V
16.1.9
Logic output voltage (TDO,
RESET)
V
DRI,RD
-0.3
V
CC +
0.3
V0 V <
V
S < 27 V
0 V <
V
CC < 5.5 V
16.1.10 LIN line bus input voltages
V
bus
V
S - 40
40
V
–
16.1.11 Electrostatic discharge voltage
“HBM” at pin LIN, MONx,
V
BAT_SENSE vs. GND
V
ESD
-4
4
kV
EIA/JESD22-A114-B
C = 100 pF,
R = 1.5 kΩ
16.1.12 Electrostatic discharge voltage
“HBM” at pin
V
DDC vs. GND
V
ESD
-600
600
V
EIA/JESD22-A114-B
C = 100 pF; R = 1.5 kΩ
16.1.13 Electrostatic discharge voltage
“HBM” at any other pin
V
ESD
-2
2
kV
EIA/JESD22-A114-B
C = 100 pF; R = 1.5 kΩ
16.1.14 Electrostatic discharge voltage
“CDM” at any pin
V
ESD
-500
500
V
Charged device model;
according to AEC Q100-011
Rev-B
Temperatures
16.1.15 Junction temperature
T
j
-40
125
°C–
16.1.16 Storage temperature
T
stg
-50
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com