Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 2Page - Infineon Technologies AG TLE7809G Datasheet HTML 3Page - Infineon Technologies AG TLE7809G Datasheet HTML 4Page - Infineon Technologies AG TLE7809G Datasheet HTML 5Page - Infineon Technologies AG TLE7809G Datasheet HTML 6Page - Infineon Technologies AG TLE7809G Datasheet HTML 7Page - Infineon Technologies AG TLE7809G Datasheet HTML 8Page - Infineon Technologies AG TLE7809G Datasheet HTML 9Page - Infineon Technologies AG TLE7809G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
TLE7809G
Pin Definitions and Functions
Data Sheet
6
Rev. 3.01, 2008-04-15
3
Pin Definitions and Functions
Figure 2
Pin Configuration
Pin No. Symbol
Function
27
28
1
2
3
MON1,
MON2,
MON3,
MON4,
MON5/HS_LED
Monitoring / Wake-Up Inputs; bi-level sensitive inputs used to monitor signals for
example coming from an external switch panel
MON5 is combined with an LED Driver output
25
V
S
Power Supply Input; recommendation to block to GND directly at the IC with
ceramic capacitor (ferrite bead for better EMC behavior)
26
V
BAT_SENSE
Battery Voltage Sense Input; for connection to terminal 30 with external serial
resistor
23
V
CC
Voltage Regulator Output; for internal supply (5 V); to stabilize block to GND with
an external capacitor; for external loads up to the specified value (see Table 13
“Operating Range” on Page 34)
8
RESET
Reset; output of SBC; “low active”; input for
μController
8
9
RESET
GND
VDDP
20
21
P0.3/SCLK_1/COUT63_1
10
11
12
P0.0/TCK_0/T12HR_1/CC61_1/CLKOUT/RXDO_1
P0.2/CTRAP_2/TDO_0/TXD_1
19
18
17
16
15
13
14
P2.1/CCPOS1_0/EXINT2/T13HR_2/TDI_1/CC62_3/AN1
P2.0/CCPOS0_0/EXINT1/T12HR_2/TCK_1/CC61_3/AN0
P0.1/TDI_0/T13HR_1/RXD_1/EXF2_1/COUT61_1
TMS
LIN
3
4
5
1
2
24
GND
MON3
SUPPLY
26
25
28
27
VS
6
7
MON4
VCC
GND
22
23
MON5 / HS_LED
GND
P0.5/MRST_1/EXINT0_0/COUT62_1
P0.4/MTSR_1/CC62_1
LS2
VDDC
MON2
MON1
LS1
VBAT_SENSE
TLE7809G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com