Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 19Page - Infineon Technologies AG TLE7809G Datasheet HTML 20Page - Infineon Technologies AG TLE7809G Datasheet HTML 21Page - Infineon Technologies AG TLE7809G Datasheet HTML 22Page - Infineon Technologies AG TLE7809G Datasheet HTML 23Page - Infineon Technologies AG TLE7809G Datasheet HTML 24Page - Infineon Technologies AG TLE7809G Datasheet HTML 25Page - Infineon Technologies AG TLE7809G Datasheet HTML 26Page - Infineon Technologies AG TLE7809G Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Data Sheet
23
Rev. 3.01, 2008-04-15
TLE7809G
SPI (Serial Peripheral Interface)
14
Supply Output (OC / OT)
Supply Output (OC / OT)
15
V
S UV
5) [only “SBC Active Mode”]
“low”
1) “1” = ON / enable, “0” = OFF / disable, OC = overcurrent, UV = undervoltage,
OT = overtemperature (temp. shut-down)
2) “1” = ON, “0” = OFF, OC = overcurrent, UV = undervoltage, OT = overtemperature (temp. shut-down)
3) Becomes valid after start-up time for voltage monitoring
4) Voltage monitoring not active in SBC Standby Mode
5) This bit needs to be read twice to indicate an undervoltage condition (only for
V
S ramping down - bit15 set to “1”)
Table 10
Diagnostic, Protection and Safety Functions
Module
Function
Effect
Concept
Window Watchdog WD1) Failure
Reset; see Table 11 “Reset
Behavior SBC” on Page 25
SPI status latched until
next read-out
LDO (VReg)
OC2) at
V
CC
current limitation
–
voltage regulator
UV condition
(
V
S related)
Reset, see Table 11 “Reset
Behavior SBC” on Page 25
Condition occurs at
V
S
below operating range
V
CC-UV
Reset, see Table 11 “Reset
Behavior SBC” on Page 25
–
WD current threshold
(Stop Mode)
WD only disabled if
V
CC-current < threshold and
WD not enabled via SPI
WD enabled if
V
CC-current > threshold
OT3)
V
CC-shutdown, Reset as soon as
V
CC falls below reset threshold, see
Table 11 “Reset Behavior SBC”
on Page 25
automatically enabled with
thermal hysteresis
OT prewarning
SPI status output
SPI status latched until
next read-out
internal supply
[SBC]
(
V
S related)
V
INT-UV
(internal) Reset; register settings
cleared; SPI status output; see
Table 11 “Reset Behavior SBC”
on Page 25
–
LS-Switches
OC, OT
LSx-shutdown; SPI status output;
signalization via ERR pin
re-activation via SPI
command; SPI status
latched until next read-out
microcontroller error
signalization (ERR)
LSx-shutdown; see “Error
Interconnect (ERR)” on Page 32
re-activation via SPI
command
Supply Output
OC, OT
Supply-shutdown; SPI status
output
re-activation via SPI
command; SPI status
latched until next read-out
Table 9
SPI Output Data (cont’d)
Pos.
Output Data1)
Output Data after Wake-up2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com