Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7809G Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 39Page - Infineon Technologies AG TLE7809G Datasheet HTML 40Page - Infineon Technologies AG TLE7809G Datasheet HTML 41Page - Infineon Technologies AG TLE7809G Datasheet HTML 42Page - Infineon Technologies AG TLE7809G Datasheet HTML 43Page - Infineon Technologies AG TLE7809G Datasheet HTML 44Page - Infineon Technologies AG TLE7809G Datasheet HTML 45Page - Infineon Technologies AG TLE7809G Datasheet HTML 46Page - Infineon Technologies AG TLE7809G Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Data Sheet
43
Rev. 3.01, 2008-04-15
TLE7809G
General Product Characteristics
16.4.116 DI hold time
t
DIHO
50
–
–
ns
–
16.4.117 Input signal rise time at pin
DI, CLK and CSN
t
rIN
––
50
ns
–
16.4.118 Input signal fall time at pin
DI, CLK and CSN
t
fIN
––
50
ns
–
16.4.119 Delay time for mode
change from Normal Mode
to Sleep Mode
t
fIN
––
10
μs–
16.4.120 CSN high time
t
CSN(high)
10
–
–
μs–
Data Output Timing1)
16.4.121 DO rise time
t
rDO
–30
80
ns
C
L = 100 pF
16.4.122 DO fall time
t
fDO
–30
80
ns
C
L = 100 pF
16.4.123 DO enable time
t
ENDO
–
–
50
ns
low impedance
16.4.124 DO disable time
t
DISDO
–
–
50
ns
high impedance
ADC Measurement Interface (general)
16.4.125 ADC reference voltage
V
AREF
2.45
2.5
2.55
V
4) interconnect
ADC Battery Voltage Measurement Interface,
V
BAT_SENSE
16.4.126 Max. measurement input
voltage (full scale)
V
bat_fs
19.2
20
20.8
V
–
16.4.127 Measurement input
impedance
R
bat_sense
0.8
1.6
2.2
M
Ω
measurement I/F = on
16.4.128 Vbat_sense input filter
bandwidth
bw
–50
–
kHz
1)
16.4.129 Measurement input
leakage current
I
bat_sense
-0.5
–
0.5
μA
measurement I/F = off;
V
bat_sense = 13.5 V
16.4.130 Measurement accuracy
after
μController-based
calibration
–-300
–
300
mV
4 <
V
bat_sense < Vbat_fs;
V
CC ≥ 4.5 V
16.4.131 Settling time
Tset
––
30
μs
4) CSN high to settled
output voltage
V
A
ADC Temperature Measurement Interface
16.4.132 Temp. Measurement
Range
T
J
-40
–
125
°C
via on-chip sensor
16.4.133 Temp. sensor offset
voltage
m0
–3.82
–
V
1)V
A = m0 - m1 x TJ
16.4.134 Temp. coefficient
m1
–5.94
–
mV/K 1)
Table 14
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com