Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
HT45R37
Rev. 1.10
69
January 29, 2010
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later as the application software has no control over the configuration options. All options must
be defined for proper system function, the details of which are shown in the table.
No.
Options
Oscillator Options
1
High Frequency Oscillator type selection
1. External Crystal Oscillator
2. External RC Oscillator
3. Internal RC Oscillator
4. Externally supplied clock
2
fSL and fSUB clock selection (Low frequency oscillator type selection)
1. 32768Hz External Oscillator
2. 32K_INT Internal Oscillator
3
Internal RC Oscillator frequency select:
4MHz, 8MHz or 12MHz
4fS clock selection: fSUB or fSYS/4
5
XTAL mode selection: 455kHz or 1M~12MHz
6
Fast wake-up from HALT mode (Only for external crystal oscillator): enable/disable
Reset Option
7
Rest pin Function: PC0 or Reset Pin
PFD Options
8
PA3: normal I/O or PFD output
9
PFD clock selection: Timer/Event Counter 0 or Timer/Event Counter 1
Buzzer Options
10
PA0/PA1: normal I/O or BZ/BZ or PA0=BZ and PA1 as normal I/O
11
Buzzer frequency: fS/2
2,f
S/2
3,f
S/2
4,f
S/2
5,f
S/2
6,f
S/2
7,f
S/2
8,f
S/2
9
Time Base Option
12
Time base time-out period: 2
12/f
S,2
13/f
S,2
14/f
S,2
15/f
S
Watchdog Options
13
Watchdog Timer function: enable or disable
14
CLRWDT instructions: 1 or 2 instructions
15
WDT time-out period: 2
12/f
S~2
13/f
S,2
13/f
S~2
14/f
S,2
14/f
S~2
15/f
S,2
15/f
S~2
16/f
S
LVD/LVR Options
16
LVD function: enable or disable
17
LVR function: enable or disable
18
LVR/LVD voltage: 2.1V/2.2V or 3.15V/3.3V or 4.2V/4.4V
SPI Options
19
SIM interface enable/disable
20
SPI_WCOL: enable/disable
21
SPI_CSEN: enable/disable, used to enable/disable (1/0) software CSEN function
I
2C Option
22
I
2C debounce Time: no debounce, 1 system clock debounce, 2 system clock debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com