Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
Application Circuits
C/R to F Application Circuit 1
C/R to F Application Circuit 2
HT45R37
Rev. 1.10
70
January 29, 2010
H T 4 5 R 3 7
P B 0 / A N 0 ~
P B 5 / A N 5
R C O U T / I N
R R E F
C R E F
* C
R s e n s o r 0
R s e n s o r 1
R C 0
R C 1
R C 1 5
R s e n s o r 1 5
* R
P C 1 / O S C 1
P C 2 / O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
P C 3 / O S C 3
P C 4 / O S C 4
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
P C 0 / R E S
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W
0 . 0 1 m F
1 N 4 1 4 8
H T 4 5 R 3 7
P B 0 / A N 0 ~
P B 5 / A N 5
R C O U T / I N
R R E F
C R E F
* C
C s e n s o r 0
C s e n s o r 1
R C 0
R C 1
R C 1 5
C s e n s o r 1 5
P C 1 / O S C 1
P C 2 / O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
P C 3 / O S C 3
P C 4 / O S C 4
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
* R
P C 0 / R E S
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W
0 . 0 1 m F
1 N 4 1 4 8
No.
Options
Timer/Event Counter and External Interrupt Pins Filter Option
23
Interrupt and Timer/Event Counter input pins internal filter On/Off control
- applies to all pins
C/R to F Converter Option
24
I/O pins or C/R to F converter inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com