Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
HT45R37
Rev. 1.10
14
January 29, 2010
Data Memory
The Data Memory is a volatile area of 8-bit wide RAM
internal memory and is the location where temporary in-
formation is stored. Divided into two sections, the first of
these is an area of RAM where special function registers
are located. These registers have fixed locations and
are necessary for correct operation of the device. Many
of these registers can be read from and written to di-
rectly under program control, however, some remain
protected from user manipulation. The second area of
Data Memory is reserved for general purpose use. All
locations within this area are read and write accessible
under program control.
Structure
The Data Memory is subdivided into two sections, the
Special Purpose Data Memory and the General Pur-
pose Data Memory. The start address of the Data Mem-
ory is the address
²00H². The last Data Memory
address is
²FFH².
General Purpose Data Memory
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of Data Memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. By using the
²SET [m].i² and ²CLR [m].i² instructions individual bits
can be set or reset under program control giving the
user a large range of flexibility for bit manipulation in the
Data Memory.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary
for the correct operation of the microcontroller, are
stored. Most of the registers are both read and write type
but some are protected and are read only, the details of
which are located under the relevant Special Function
Register section. Note that for locations that are unused,
any read instruction to these addresses will return the
value
²00H².
G e n e r a l P u r p o s e
D a t a M e m o r y
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
6 0 H
F F H
5 F H
Data Memory Structure
Note:
Most of the Data Memory bits can be directly ma-
nipulated using the
²SET [m].i² and ²CLR [m].i²
with the exception of a few dedicated bits. The
Data Memory can also be accessed through the
memory pointer registers MP0 and MP1.
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
3 A H
3 B H
3 C H
3 D H
3 E H
3 F H
4 0 H ~ 5 H F
: U n u s e d r e a d a s " 0 0 "
I A R 0
M P 0
I A R 1
M P 1
A C C
P C L
T B L P
T B L H
R T C C
S T A T U S
I N T C 0
T M R 0
T M R 0 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M 0 L
P W M 0 H
P W M 1 L
P W M 1 H
I N T C 1
M F I C 0
M F I C 1
A S C R 0
A S C R 1
A S C R 2
A D R L
A D R H
A D C R
A C S R
C L K M O D
P A W U
P A P U
P B P U
P C P U
P D P U
I N T E D G E
M I S C
T M R A H
T M R A L
R C O C C R
T M R B H
T M R B L
R C O C R
S I M C T L 0
S I M C T L 1
S I M D R
S I M A R / S I M C T L 2
T M R 1
T M R 1 C
: U n u s e d r e a d a s u n k n o w n
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com