Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
23
The properties of the filter are determined by these two settings, but the CDT is determined by the capacitance being mea-
sured, as discussed in AN3889. The FFI sets the number of samples being measured. The result of an FFI setting of 6 or 0x00
would be to take 6 samples, toss the maximum and minimum, then average the remaining 4 samples. The results of an oscillo-
scope output on an electrode with the setting of FFI = 0x00 and CDT is shown in Figure 20.
Figure 20.
The first level of filtering delivers data to a second filter stage. The second filter stage averages samples over more time, in
this example anywhere from 1 ms to 128 ms. Then a value can be selected for how many samples should be averaged.
FILTER CONFIGURATION REGISTER
Figure 21. Filter Configuration Register
Table 20. AFE Configuration Register Field Descriptions
Field
Description
7:6
FFI
First Filter Iterations – The first filter iterations field selects the number of samples
taken as input to the first level of filtering.
00 Encoding 0 – Sets samples taken to 6
01 Encoding 1 – Sets samples taken to 10
10 Encoding 2 – Sets samples taken to 18
11 Encoding 3 – Sets samples taken to 34
5:0
CDC
Charge Discharge Current – The Charge Discharge Current field selects the supply
current to be used when charging and discharging an electrode.
000000 Encoding 0 – Disables Electrode Charging
000001 Encoding 1 – Sets the current to 1
μA
~
111111 Encoding 63 – Sets the current to 63
μA
7
6
543210
R
CDT
SFI
ESI
W
Reset:
0
0
000000
= Unimplemented
TIME
CDT
1
μs
2
μs4 μs6 μs8 μs
10
μs12 μs
1
2
3
4
5
6
FFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com