Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
17
AUTO-CONFIG USL REGISTER
Figure 12. AUTO-CONFIG USL Register
As this register represents the upper limit for the auto-configuration the value can be calculated by:
Equation 8
For the 1.8 V system, this value is 156 or 0x9C.
AUTO-CONFIG TARGET LEVEL REGISTER
Figure 13. AUTO-CONFIG Target Level Register
7
6
543210
R
USL
W
Reset:
0
0
000000
= Unimplemented
Table 14. AUTO-CONFIG USL Register Field Descriptions
Field
Description
7:0
USL
Upper Limit – The Upper Limit for the auto-configuration baseline search is set to
this value.
00000000 – Upper Limit set to 0
00000001 – Upper Limit set to 1
~
11111111 – Upper Limit set to 255
7
6
543210
R
T_L
W
Reset:
0
0
000000
= Unimplemented
VSL
V
DD
0.7
–
V
DD
-------------------------- 256
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com