Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
MPR121
Sensors
30
Freescale Semiconductor
After this averaging the filter reacts to Cases 1, 2, and 3.
Figure 32.
ADVANCED CASES
With an understanding of the basic cases, more advanced cases can be discussed. In a touch sensor system, we can take
advantage of some known properties to improve the functionality of the filter. These include direction of change, touch occurrence
and the rate of touch. The first four cases are still utilized but more functionality is added. The following cases described how
different settings are useful as opposed to what exactly the settings do, like cases 1-4.
Case 5
The direction of change for a touch in the system is always negative. Thus the system takes advantage of this by allowing for
varying parameters for different directions of change. Since a touch can only be in the decreasing direction, it is usually best to
set the decreasing filter to be slower that the increasing one. This allows for automatic recovery from a bad baseline reading.
A. As the touch occurs, the baseline is decreased slowly due to a non solid touch, but due to the slow
reaction, a touch is still detected.
B. The baseline quickly snaps back to the initial value by having fast filtering in the positive direction
C. The repeated touch is easily handled since the baseline quickly adjusted; if it was slow, the second
touch would have resulted in a possible false negative for a touch detection.
Figure 33.
Case 1
Case 2
1
2
3
1
2
3
Baseline
Data
Averaged
Data
Case 1
MHD = 1
NCL = 3
NHD = 1
FDL = 4
Baseline
Data
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com