Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
MPR121
Sensors
12
Freescale Semiconductor
Figure 4. MPR121 Electrode Measurement Charging Pad Capacitance
When measuring capacitance there are some inherent restrictions due to the methodology used. On the MPR121 the voltage
after charging must be in the range that is shown in Figure 5.
Figure 5.
The valid operating range of the electrode charging source is 0.7 V to (VDD - 0.7 V). This means that for a given VDD the valid
ADC (voltage visible to the digital interface) range is given by
,
Equation 3
and
.
Equation 4
These equations are represented in the graph. In the nominal case of VDD = 1.8 V the ADC range is shown below in Table 7.
Table 7.
VDD
ADChigh
ADClow
ADCmid
1.8
625.7778
398.2222
512
Electrode Charge Time
T
V
Electrode
Charging
Electrode
Discharging
Electrode voltage measured here
2T
Electrode Discharge Time
Valid ADC Value s vs. VDD
0
100
200
300
400
500
600
700
800
900
1.71
1.91
2.11
2.31
2.51
2.71
VDD (V)
ADChigh
ADCmid
ADClow
ADC
low
0.7
V
DD
------------ 1024
()
=
ADC
high
V
DD
0.7
–
V
DD
-------------------------- 1024
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com