Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
MPR121
Sensors
14
Freescale Semiconductor
Figure 7.
CONFIGURATION
From the implementation above, there are two elements that can be configured to yield a wide range of capacitance readings
ranging from 0.455 pF to 2874.39 pF. The two configurable components are the electrode charge current and the electrode
charge time. The electrode charge current can be configured to equal a range of values between 1
μA and 63 μA. This value is
set in the Charge Discharge Current (CDC) in the Analog Front End AFE Configuration register. The electrode charge time can
be configured to equal a range of values between 500 ns and 32
μS. This value is set in the Charge Discharge Time (CDT) in
the Filter Configuration Register.
AFE CONFIGURATION REGISTER
The AFE Configuration Register is used to set both the CDC and the number of samples taken in the lowest level filter. The
address of the AFE Configuration Register is 0x5C.
Figure 8. AFE Configuration Register
7
6
543210
R
FFI
CDC
W
Reset:
0
0
000000
= Unimplemented
Table 9. AFE Configuration Register Field Descriptions
Field
Description
7:6
FFI
First Filter Iterations – The first filter iterations field selects the number of samples
taken as input to the first level of filtering.
00 Encoding 0 – Sets samples taken to 6
01 Encoding 1 – Sets samples taken to 10
10 Encoding 2 – Sets samples taken to 18
11 Encoding 3 – Sets samples taken to 34
5:0
CDC
Charge Discharge Current – The Charge Discharge Current field selects the supply
current to be used when charging and discharging an electrode.
000000 Encoding 0 – Disables Electrode Charging
000001 Encoding 1 – Sets the current to 1
μA
~
111111 Encoding 63 – Sets the current to 63
μA
Sensitivity vs. Capacitance for VDD =1.8 Vand I=36 μA and T=.5 μS
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
10
12
14
16
18
20
22
24
26
28
30
Maximum
Minimum
C/ADC
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com