Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
MPR121
Sensors
36
Freescale Semiconductor
FILTERED DATA LOW
Figure 41. Filtered Data Low Register
BASELINE VALUE
Figure 42. Filtered Data High Register
In this system, a touch is defined as any time the difference between the Filtered Data and the Baseline Value is greater than
the threshold. Since this calculation is done totally internal to the part, it is unnecessary for the user to actually do this math in
the software. If it were being done, the steps would be to first combine the Filtered Data Low and Filtered Data High values into
a single 10-bit number. Thus,
Data = Filtered Data High • 256 + Filtered Data Low
The baseline is then shifted to the left to make it equal scale to the Data.
Baseline = Baseline Value • 4
Internally to the device, the full 10-bit value is stored, but as this level of precision is not necessary as the low two bits are
disregarded for output. The Touch Threshold is a user defined value. There is both a touch and an un-touch threshold to provide
hysteresis.
7
6
543210
RFDLB
W
Reset:
0
0
000000
= Unimplemented
Table 29. Filtered Data Low Register Field Descriptions
Field
Description
7:0
FDLB
Filtered Data Low Byte – The Filtered Data Low Byte displays the lower 8 bits of
the 10 bit filtered A/D reading.
00000000 Encoding 0
~
11111111 Encoding 255
7
6
54321
0
RBV
W
Reset:
0
0
0000
00
= Unimplemented
Table 30. Filtered Data High Register Field Descriptions
Field
Description
7:0
BV
Baseline Value – The Baseline Value byte displays the higher 8 bits of the 10 bit
baseline value.
00000000 Encoding 0 – The 10 bit baseline value is between 0 and 3.
~
11111111 Encoding 255 – The 10 bit baseline value is between 1020 and 1023.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com