Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
29
Case 2
Changes that are larger than double the MHD are regarded as noise and accounted for by the values of the NHD and NCL.
Any data outside the MHD is rejected by the filter however sequential values that fall into this category are counted and if enough
sequential data exists then the baseline will be adjusted.
In this case, the NCL regulates how many sequential data points must be seen before the data is changed. When the count
is reached, the baseline is incremented by the NHD.
Figure 29.
Case 3
When the data is inconsistent but greater than double than MHD the baseline will not vary. Each time a transition takes place,
the filter counters are reset, thus the fact that the data is oscillating around the baseline means that the noise is rejected and the
baseline will not vary.
Figure 30.
Case 4
Low frequency changes to the data can trick the filter in some instances. The FDL is also available to slow down the overall
system. This is done by taking an average of the specified number of values before running them through the baseline filter.
Figure 31.
Baseline
Data
3 counts
3 counts
NHD added to
baseline
into effect
Case 1 comes
MHD = 1
NCL = 3
NHD = 1
Baseline
Data
MHD = 1
NCL = 3
NHD = 1
2 < NCL
1 < NCL
1 < NCL
2 < NCL
Data
Averaged
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com