Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR121 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
MPR121
Sensors
10
Freescale Semiconductor
I2C AC CHARACTERISTICS
Table 6. I2C AC Characteristics
(Typical Operating Circuit, VDD and VREG = 1.8 V, TA = 25°C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP and a START Condition
tBUF
1.3
μs
Hold Time, (Repeated) START Condition
tHD, STA
0.6
μs
Repeated START Condition Setup Time
tSU, STA
0.6
μs
STOP Condition Setup Time
tSU, STO
0.6
μs
Data Hold Time
tHD, DAT
0.9
μs
Data Setup Time
tSU, DAT
100
ns
SCL Clock Low Period
tLOW
1.3
μs
SCL Clock High Period
tHIGH
0.7
μs
Rise Time of Both SDA and SCL Signals, Receiving
tR
20+0.1Cb
300
ns
Fall Time of Both SDA and SCL Signals, Receiving
tF
20+0.1Cb
300
ns
Fall Time of SDA Transmitting
tF.TX
20+0.1Cb
250
ns
Pulse Width of Spike Suppressed
tSP
25
ns
Capacitive Load for Each Bus Line
Cb
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com