Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 2Page - Cirrus Logic CS4354-CSZ Datasheet HTML 3Page - Cirrus Logic CS4354-CSZ Datasheet HTML 4Page - Cirrus Logic CS4354-CSZ Datasheet HTML 5Page - Cirrus Logic CS4354-CSZ Datasheet HTML 6Page - Cirrus Logic CS4354-CSZ Datasheet HTML 7Page - Cirrus Logic CS4354-CSZ Datasheet HTML 8Page - Cirrus Logic CS4354-CSZ Datasheet HTML 9Page - Cirrus Logic CS4354-CSZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
DS895A2
CS4354
DAC ANALOG CHARACTERISTICS
Test conditions (unless otherwise specified): TA = 25 °C; VA = 5 V, VL = 3.3 V; GND = 0 V; FILT+, -VFILT, and
FLYP/N capacitors as shown in Figure 5 on page 12; input test signal is a 997 Hz sine wave at 0 dBFS; measure-
ment bandwidth 20 Hz to 20 kHz.
Notes: 3. Measured at the output of the external low-pass filter on AOUTx as shown in Figure 5 on page 12.
4. Measured between the AOUTx and GND pins.
5. One LSB of triangular PDF dither is added to data.
6. Does not include attenuation due to ZOUT. Additional impedance between the AOUTx pin and the load
will lower the voltage delivered to the load.
7. VPP is the controlling specification. VRMS specification valid for sine wave signals only.
Note that for sine wave signals:
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Performance, Fs = 48, 96, and 192 kHz (Notes 3, 5)
Dynamic Range
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
95
92
-
-
101
98
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-86
-78
-38
-86
-73
-33
-80
-72
-32
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-Noise Ratio
(A-wt)
-
101
-
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
Analog Output (Note 4)
Full Scale AOUTx Output Voltage
(Notes 6, 7)
0.38•VA
0.40•VA
0.42•VA
VRMS
1.07•VA
1.13•VA
1.19•VA
Vpp
Interchannel Gain Mismatch
-
0.1
-
dB
Output Offset
-
±1
±8
mV
Gain Drift
-
100
-
ppm/°C
Output Impedance
ZOUT
-100
-
Load Resistance
RL
3-
-
k
Load Capacitance
CL
--
100
pF
VRMS
Vpp
22
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com