Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 17Page - Cirrus Logic CS4354-CSZ Datasheet HTML 18Page - Cirrus Logic CS4354-CSZ Datasheet HTML 19Page - Cirrus Logic CS4354-CSZ Datasheet HTML 20Page - Cirrus Logic CS4354-CSZ Datasheet HTML 21Page - Cirrus Logic CS4354-CSZ Datasheet HTML 22Page - Cirrus Logic CS4354-CSZ Datasheet HTML 23Page - Cirrus Logic CS4354-CSZ Datasheet HTML 24Page - Cirrus Logic CS4354-CSZ Datasheet HTML 25Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
DS895A2
CS4354
9. REVISION HISTORY
Release
Changes
A1 (Sept ‘09)
– Initial release.
A2 (July ‘10)
– Updated THD+N specification in DAC Analog Characteristics.
– Updated dynamic range specification in DAC Analog Characteristics.
– Updated idle channel noise/SNR specification in DAC Analog Characteristics.
– Updated front page dynamic range and THD+N performance to match updated specifications.
– Updated frequency response specification description in Combined Digital and On-Chip Analog Filter
Characteristics so that frequency response limits are measured relative to 1 kHz.
– Updated Power On Reset threshold values in Internal Power-On Reset Threshold Voltages.
– Removed typical specification for LRCK and SCLK in Switching Specifications - Serial Audio Interface.
– Updated power supply current specifications in DC Electrical Characteristics.
– Updated pin voltage specification in DC Electrical Characteristics.
– Corrected MCLK frequency in Table 4 from 33.8680 MHz to 33.8688 MHz.
– Updated test condition bandwidth in DAC Analog Characteristics from 10 Hz - 20kHz to 20 Hz - 20kHz
– Removed MCLK = 1152x LRCK mode support (per Rev B0 silicon). Updated specifications (LRCK min and
corresponding MCLK min) in Switching Specifications - Serial Audio Interface, and applications information
in Table 4 and Table 5.
– Added (Note 16) to DC Electrical Characteristics.
– Updated FILT+ description in Initialization.
– Updated interchannel isolation specification in DAC Analog Characteristics.
– Updated Table 3 to match specifications in Switching Specifications - Serial Audio Interface.
– Removed High Pass Filter Characteristics section; appended updated specifications to Combined Digital
and On-Chip Analog Filter Characteristics.
– Updated passband and stopband specifications in Combined Digital and On-Chip Analog Filter
Characteristics to reflect Rev B0 silicon.
– Updated title and plots in Combined Digital and On-chip Analog Filter Response Plots to reflect Rev B0
silicon.
– Updated typical output offset in DAC Analog Characteristics.
– Updated timing diagram Figure 2 to reflect internal SCLK generation as shown in Figure 3.
– Updated Typical Connection Diagram; VL capacitor now recommended by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com