Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 9Page - Cirrus Logic CS4354-CSZ Datasheet HTML 10Page - Cirrus Logic CS4354-CSZ Datasheet HTML 11Page - Cirrus Logic CS4354-CSZ Datasheet HTML 12Page - Cirrus Logic CS4354-CSZ Datasheet HTML 13Page - Cirrus Logic CS4354-CSZ Datasheet HTML 14Page - Cirrus Logic CS4354-CSZ Datasheet HTML 15Page - Cirrus Logic CS4354-CSZ Datasheet HTML 16Page - Cirrus Logic CS4354-CSZ Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS895A2
13
CS4354
4. APPLICATIONS
4.1
Ground-Centered Line Outputs
An on-chip charge pump creates a negative supply which allows the full-scale output swing to be centered
around ground. This eliminates the need for large DC-blocking capacitors which create audible pops at pow-
er-on and provides improved low frequency response. See the DAC Analog Characteristics table for the
complete specifications of the full-scale output voltage. It should be noted that external output impedance
between the AOUTx pin and the load will lower the voltage delivered to the load.
4.2
Sample Rate Range/Operational Mode Detect
The CS4354 operates in one of three operational modes. The device will auto-detect the correct mode when
the input sample rate (Fs), defined by the LRCK frequency, falls within one of the ranges illustrated in
Table 3. Sample rates outside the specified range for each mode are not supported. In addition to a valid
LRCK frequency, a valid serial clock (SCLK) and master clock (MCLK) must also be applied to the device
for speed mode auto-detection; see Figure 9.
Table 3. CS4354 Operational Mode Auto-Detect
4.3
System Clocking
The device requires external generation of the master (MCLK), left/right (LRCK) and serial (SCLK) clocks.
The left/right clock, defined also as the input sample rate (Fs), must be synchronously derived from the
MCLK signal according to specified ratios. The specified ratios of MCLK to LRCK, along with several stan-
dard audio sample rates and the required MCLK frequency, are illustrated in Table 4 on page 13.
Refer to Section 4.6 for the required SCLK timing associated with the selected Digital Interface Format and
to “Switching Specifications - Serial Audio Interface” on page 8 for the maximum allowed clock frequencies.
Table 4. Common MCLK and LRCK Frequencies
Input Sample Rate (Fs)
Mode
30 kHz - 54 kHz
Single-Speed Mode
84 kHz - 108 kHz
Double-Speed Mode
170 kHz - 216 kHz
Quad-Speed Mode
LRCK
(kHz)
MCLK (MHz)
128x
192x
256x
384x
512x
768x
1024x
32
-
-
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
-
-
11.2896
16.9344
22.5792
33.8688
45.1580
48
-
-
12.2880
18.4320
24.5760
36.8640
49.1520
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
-
-
96
12.2880
18.4320
24.5760
36.8640
49.1520
-
-
176.4
22.5792
33.8688
45.1584
-
-
-
-
192
24.5760
36.8640
49.1520
-
-
-
-
Mode
QSM
DSM
SSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com