Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 4Page - Cirrus Logic CS4354-CSZ Datasheet HTML 5Page - Cirrus Logic CS4354-CSZ Datasheet HTML 6Page - Cirrus Logic CS4354-CSZ Datasheet HTML 7Page - Cirrus Logic CS4354-CSZ Datasheet HTML 8Page - Cirrus Logic CS4354-CSZ Datasheet HTML 9Page - Cirrus Logic CS4354-CSZ Datasheet HTML 10Page - Cirrus Logic CS4354-CSZ Datasheet HTML 11Page - Cirrus Logic CS4354-CSZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
DS895A2
CS4354
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE
12. Not all sample rates are supported for all clock ratios. See Section 4.2 “Sample Rate Range/Operational
Mode Detect” on page 13 for supported ratios and frequencies. SSM = Single-Speed Mode,
DSM = Double-Speed Mode, QSM = Quad-Speed Mode.
13. SCLK period is defined by the SCLK / LRCK ratio. The SCLK / LRCK ratio may be either 32, 48, or 64.
See Table 5 on page 14.
14.
Parameters
Symbol
Min
Typ
Max
Units
MCLK Frequency
7.6
-
55.3
MHz
MCLK Duty Cycle
45
-
55
%
Input Sample Rate
All MCLK/LRCK ratios combined
(Note 12)
(SSM) 256x, 384x, 512x, 768x, 1024x
(DSM) 128x, 192x, 256x, 384x, 512x
(QSM) 128x, 192x, 256x
Fs
30
30
84
170
-
-
-
-
216
54
108
216
kHz
kHz
kHz
kHz
External SCLK Mode
LRCK Duty Cycle
45
-
55
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Duty Cycle
45
-
55
%
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
LRCK edge to SCLK rising delay
tslrs
20
-
-
ns
SDIN valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDIN hold time
tsdh
20
-
-
ns
Internal SCLK Mode
LRCK Duty Cycle
--
SCLK Period
(Note 13)
tsclkw
--
ns
MCLK falling to LRCK edge
tmclkf
-ns
LRCK edge to SCLK rising
tsclkr
-
(Note 14)
-ns
SDIN valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDIN hold time
MCLK / LRCK = 1024, 512, 256, 128
tsdh
--
ns
MCLK / LRCK = 768, 384, 192
-
-
50%
1
2MCLK
----------------------------
–
50%
1
2MCLK
----------------------------
+
109
SCLK
----------------
109
–
4MCLK
---------------------------
109
4MCLK
---------------------------
109
512 Fs
----------------------- 10
+
109
512 Fs
----------------------- 15
+
109
384 Fs
----------------------- 15
+
tsclkr
tsclkw
2
-----------------
10
9
2MCLK
---------------------------tmclkf
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com