Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 8Page - Cirrus Logic CS4354-CSZ Datasheet HTML 9Page - Cirrus Logic CS4354-CSZ Datasheet HTML 10Page - Cirrus Logic CS4354-CSZ Datasheet HTML 11Page - Cirrus Logic CS4354-CSZ Datasheet HTML 12Page - Cirrus Logic CS4354-CSZ Datasheet HTML 13Page - Cirrus Logic CS4354-CSZ Datasheet HTML 14Page - Cirrus Logic CS4354-CSZ Datasheet HTML 15Page - Cirrus Logic CS4354-CSZ Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
DS895A2
CS4354
3. TYPICAL CONNECTION DIAGRAM
VL
+1.8 V to +5 V
LRCK
MCLK
SCLK/DEM
SDIN
-VFILT
AOUTA
470
2.2 nF
Rext
Rext
Line Level Out
Left & Right
Digital Audio
Processor
Capacitors must be
C0G or equivalent.
470
2.2 nF
AOUTB
FILT+
FLYN
FLYP
2.2 µF
0.1 µF
+5 V
0.1 µF
Note 1:
2.2 µF
2.2 µF
2.2 µF
Note 1
1
5
3
4
2
6
7
11
14
9
8
13
12
10
+
+
+
+
CS4354
Figure 5. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com