Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 3Page - Cirrus Logic CS4354-CSZ Datasheet HTML 4Page - Cirrus Logic CS4354-CSZ Datasheet HTML 5Page - Cirrus Logic CS4354-CSZ Datasheet HTML 6Page - Cirrus Logic CS4354-CSZ Datasheet HTML 7Page - Cirrus Logic CS4354-CSZ Datasheet HTML 8Page - Cirrus Logic CS4354-CSZ Datasheet HTML 9Page - Cirrus Logic CS4354-CSZ Datasheet HTML 10Page - Cirrus Logic CS4354-CSZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS895A2
7
CS4354
COMBINED DIGITAL AND ON-CHIP ANALOG FILTER CHARACTERISTICS
The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sam-
ple rate by multiplying the given characteristic by Fs. Reference level (0 dB) is set at 997 Hz. (Note 11)
Notes: 8. Response is clock-dependent and will scale with Fs.
9. For Single- and Double-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs.
For Quad-Speed Mode, the Measurement Bandwidth is from stopband to 1.34 Fs.
10. De-emphasis is available only in Single-Speed Mode.
11. Amplitude vs. frequency plots of this data are available in “Combined Digital and On-chip Analog Filter
Response Plots” on page 19.
Parameter
Min
Typ
Max
Unit
Single-Speed Mode - 48 kHz
Passband (Note 8)
to -0.05 dB corner
to -3 dB corner
1.796•10-4
1.947•10-5
-
-
0.470
0.500
Fs
Fs
Frequency Response 20 Hz to 20 kHz
-0.05
-
+0.05
dB
StopBand
0.550
-
-
Fs
StopBand Attenuation
(Note 9)
80 dB
-
-
dB
High Pass Filter Settling Time (input signal goes to 95% of its final value)
-
2.452•104/Fs
-
s
Total Group Delay
-
9.4/Fs
-
s
De-emphasis Error (Note 10)(Relative to 1 kHz)
Fs = 44.1 kHz
-
-
±0.14
dB
Double-Speed Mode - 96 kHz
Passband (Note 8)
to -0.05 dB corner
to -3 dB corner
8.980•10-5
9.736•10-6
-
-
0.290
0.500
Fs
Fs
Frequency Response 20 Hz to 20 kHz
-0.05
-
+0.05
dB
StopBand
0.583
-
-
Fs
StopBand Attenuation
(Note 9)
82 dB
-
-
dB
High Pass Filter Settling Time (input signal goes to 95% of its final value)
-
4.903•104/Fs
-
s
Total Group Delay
-
7.0/Fs
-
s
Quad-Speed Mode - 192 kHz
Passband (Note 8)
to -0.05 dB corner
to -3 dB corner
4.490•10-5
4.868•10-6
-
-
0.253
0.486
Fs
Fs
Frequency Response 20 Hz to 20 kHz
-0.05
-
+0.05
dB
StopBand
0.630
-
-
Fs
StopBand Attenuation
(Note 9)
85 dB
-
-
dB
High Pass Filter Settling Time (input signal goes to 95% of its final value)
-
9.807•104/Fs
-
s
Total Group Delay
-
4.9/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com