Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 6Page - Cirrus Logic CS4354-CSZ Datasheet HTML 7Page - Cirrus Logic CS4354-CSZ Datasheet HTML 8Page - Cirrus Logic CS4354-CSZ Datasheet HTML 9Page - Cirrus Logic CS4354-CSZ Datasheet HTML 10Page - Cirrus Logic CS4354-CSZ Datasheet HTML 11Page - Cirrus Logic CS4354-CSZ Datasheet HTML 12Page - Cirrus Logic CS4354-CSZ Datasheet HTML 13Page - Cirrus Logic CS4354-CSZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
DS895A2
CS4354
DIGITAL INTERFACE CHARACTERISTICS
Test conditions (unless otherwise specified): GND = 0 V; all voltages with respect to ground.
INTERNAL POWER-ON RESET THRESHOLD VOLTAGES
Test conditions (unless otherwise specified): GND = 0 V; all voltages with respect to ground.
Table 1. Power-On Reset Threshold Voltages
Figure 4. Power-On Reset Threshold Sequence
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
1.8 V <
VL  5.0 V
VIH
0.7xVL
-
-
V
Low-Level Input Voltage
1.8 V <
VL  5.0 V
VIL
-
-
0.3xVL
V
Input Leakage Current
Iin
--
±10
A
Input Capacitance
-
8
-
pF
Parameters
Symbol
Min
Typ
Max
Units
Internal Reset Asserted at Power-On
Von1
-0.2
-V
Internal Reset Released at Power-On
Von2
-3.6
-V
Internal Reset Asserted at Power-Off
Voff
-3.1
-V
VA
Von2
Von1
Voff
GND
HI
LO
No Power
reset
undefined
reset
active
DAC
Ready
reset
active
reset
(internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com