Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4354-CSZ Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4354-CSZ
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354-CSZ Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4354-CSZ Datasheet HTML 11Page - Cirrus Logic CS4354-CSZ Datasheet HTML 12Page - Cirrus Logic CS4354-CSZ Datasheet HTML 13Page - Cirrus Logic CS4354-CSZ Datasheet HTML 14Page - Cirrus Logic CS4354-CSZ Datasheet HTML 15Page - Cirrus Logic CS4354-CSZ Datasheet HTML 16Page - Cirrus Logic CS4354-CSZ Datasheet HTML 17Page - Cirrus Logic CS4354-CSZ Datasheet HTML 18Page - Cirrus Logic CS4354-CSZ Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DS895A2
15
CS4354
De-emphasis selection is disabled in the external SCLK mode.
Note:
De-emphasis is only available in Single-Speed Mode.
4.5
Internal High-Pass Filter
The CS4354 includes an internal digital high-pass filter. This filter prevents a constant digital offset from cre-
ating a DC voltage on the analog output pins. The filter’s corner frequency is well below the audio band; see
“Switching Specifications - Serial Audio Interface” on page 8 for filter specifications.
4.6
Digital Interface Format
The device accepts audio samples in the industry standard I²S format only.
For an illustration of the required relationship between the LRCK, SCLK and SDIN, see Figure 6 on page
14. SDIN is valid on the rising edge of SCLK. For more information about serial audio formats, refer to Cirrus
Logic Application Note AN282: The 2-Channel Serial Audio Interface: A Tutorial, available at http://www.cir-
rus.com.
4.7
Internal Power-On Reset
The CS4354 features an internal power-on reset (POR) circuit. This circuit monitors the VA supply and au-
tomatically asserts or releases an internal reset of the DAC’s digital circuitry when the supply reaches de-
fined thresholds (see “Internal Power-On Reset Threshold Voltages” on page 10). No external clocks are
required for the POR circuit to function.
Figure 8. Internal Power-On Reset Circuit
When power is first applied, the POR circuit monitors the VA supply voltage to determine when it reaches
a defined threshold, Von1. At this time, the POR circuit asserts the internal reset low, resetting all of the
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 7. De-Emphasis Curve, Fs = 44.1 kHz
Power-On Reset
Circuit
VA
GND
reset
(internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com