Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL48 Datasheet(PDF) 35 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 35 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 31Page - Motorola, Inc 68HC05CL48 Datasheet HTML 32Page - Motorola, Inc 68HC05CL48 Datasheet HTML 33Page - Motorola, Inc 68HC05CL48 Datasheet HTML 34Page - Motorola, Inc 68HC05CL48 Datasheet HTML 35Page - Motorola, Inc 68HC05CL48 Datasheet HTML 36Page - Motorola, Inc 68HC05CL48 Datasheet HTML 37Page - Motorola, Inc 68HC05CL48 Datasheet HTML 38Page - Motorola, Inc 68HC05CL48 Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
INTERRUPTS
MOTOROLA
REV 2.0
4-3
4.1
RESET INTERRUPT SEQUENCE
The RESET function is not in the strictest sense an interrupt; however, it is acted
upon in a similar manner as shown in Figure 4-1. A low level input on the RESET
pin or internal generated reset signal causes the program to vector to its starting
address which is specified by the contents of memory locations $FFFE and
$FFFF. The I-bit in the condition code register is also set. The MCU is configured
to a known state during this type of reset as described in Section 5.
4.2
SOFTWARE INTERRUPT (SWI)
The SWI is an executable instruction and a non-maskable interrupt since it is
executed regardless of the state of the I-bit in the CCR. If the I-bit is zero
(interrupts enabled), the SWI instruction executes after interrupts which were
pending before the SWI was fetched, or before interrupts if interrupts were
generated after the SWI was fetched. The interrupt service routine address is
specified by the contents of memory locations $FFFC and $FFFD.
4.3
HARDWARE INTERRUPTS
All hardware interrupts except RESET are maskable by the I-bit in the CCR. If the
I-bit is set, all hardware interrupts (internal and external) are disabled. Clearing
the I-bit enables the hardware interrupts. There are six types of hardware
interrupts which are explained in the following sections.
4.3.1 External Interrupt (IRQ)
If the IRQ option is both level and edge sensitive triggering (INTO=0), a low level
or an negative edge at the IRQ pin and the interrupt mask bit of the condition code
register is cleared will cause an EXTERNAL Interrupt to occur. If the MCU has
finished with the interrupt service routine, but the IRQ pin is still low, the
EXTERNAL Interrupt will start again. In fact, the MCU will keep on servicing the
EXTERNAL Interrupt as long as the IRQ pin is low. If the IRQ pin goes low for a
while and resumes to high (a negative pulse) before the interrupt mask bit is
cleared, the MCU will not recognize there was an interrupt request, and no
interrupt will occur after the interrupt mask bit is cleared, i.e. there is no latch for
the interrupt signal for the level sensitive triggering.
If the IRQ option is negative edge sensitive triggering (INTO=1), a negative edge
occurs at the IRQ pin and the interrupt mask bit of the condition code register is
cleared will cause an EXTERNAL Interrupt to occur. If the MCU has finished with
the interrupt service routine, but the IRQ pin has not resumed back to high, no
further interrupt will be generated. The interrupt logic recognizes negative edge
transitions and pulses (special case of negative edges) only. If the negative edge
occurs during the interrupt mask bit is set, the interrupt signal will be latched, an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com