Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL48 Datasheet(PDF) 45 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 45 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 41Page - Motorola, Inc 68HC05CL48 Datasheet HTML 42Page - Motorola, Inc 68HC05CL48 Datasheet HTML 43Page - Motorola, Inc 68HC05CL48 Datasheet HTML 44Page - Motorola, Inc 68HC05CL48 Datasheet HTML 45Page - Motorola, Inc 68HC05CL48 Datasheet HTML 46Page - Motorola, Inc 68HC05CL48 Datasheet HTML 47Page - Motorola, Inc 68HC05CL48 Datasheet HTML 48Page - Motorola, Inc 68HC05CL48 Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
LOW POWER MODES
MOTOROLA
REV 2.0
6-1
SECTION 6
LOW POWER MODES
6.1
LOW-POWER MODES
The MC68HC05CL48 has two low-power operational modes. The WAIT and
STOP instructions provide two modes that reduce the power required for the MCU
by stopping various internal clocks and/or the on-chip oscillator. The STOP and
WAIT instructions are not normally used if the COP Watchdog Timer is enabled.
The flow of the STOP and WAIT modes is shown in Figure 6-1.
6.1.1 STOP Instruction
Execution of the STOP instruction, places the MCU in its lowest power
consumption mode. In the STOP Mode the internal oscillator is turned off, halting
all internal processing, including the COP Watchdog Timer.
When the CPU enters STOP Mode, the I-bit in the Condition Code Register will be
cleared automatically. This enable the external hardware interrupt to wake up the
MCU. All other registers and memory remain unaltered. All input/output lines
remain unchanged.
The MCU can be brought out of the STOP Mode only by a Caller ID (RT_L)
interrupt, WTIMER interrupt, a hardware interrupt “IRQ, IRQ(n), KBI(n)” or an
externally generated RESET. When exiting the STOP Mode the internal oscillator
will resume after a 488 internal processor clock cycle oscillator stabilization delay.
6.1.2 WAIT Instruction
The WAIT instruction places the MCU in a low-power mode, which consumes
more power than the STOP Mode. In the WAIT Mode the internal processor clock
is halted, suspending all processor and internal bus activity. Other Internal clocks
remain active, permitting interrupts to be generated from the functional blocks, or
a reset to be generated from the COP Watchdog Timer. The Timer may be used to
generate a periodic exit from the WAIT Mode. Execution of the WAIT instruction
automatically clears the I-bit in the Condition Code Register, so that any hardware
interrupt can wake up the MCU. All other registers, memory, and input/output lines
remain in their previous states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com