Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL48 Datasheet(PDF) 43 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 43 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 39Page - Motorola, Inc 68HC05CL48 Datasheet HTML 40Page - Motorola, Inc 68HC05CL48 Datasheet HTML 41Page - Motorola, Inc 68HC05CL48 Datasheet HTML 42Page - Motorola, Inc 68HC05CL48 Datasheet HTML 43Page - Motorola, Inc 68HC05CL48 Datasheet HTML 44Page - Motorola, Inc 68HC05CL48 Datasheet HTML 45Page - Motorola, Inc 68HC05CL48 Datasheet HTML 46Page - Motorola, Inc 68HC05CL48 Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
RESETS
MOTOROLA
REV 2.0
5-1
SECTION 5
RESETS
The MCU can be reset in three ways:
•
by the initial power-on reset function, (POR)
•
by an active low input to the RESET pin, (RESET)
•
by a COP watchdog timer reset, (COPR)
5.1
EXTERNAL RESET (RESET)
The RESET pin is the only external source of a reset. This pin is connected to a
Schmitt trigger input gate to provide an upper and lower threshold voltage
separated by a minimum amount of hysteresis. This external reset occurs
whenever the RESET pin is pulled below the lower threshold and remains in reset
until the RESET pin rises above the upper threshold. This active low input will
generate the RST signal and reset the CPU and peripherals. Termination of the
external RESET input can alter the operating mode of the MCU.
The RESET pin can also be pulled to a low state by an internal pulldown that is
activated by the internal COP Watchdog or Power-on resets. This RESET pin
pulldown device will only be activated for one cycle of the internal clock, PH2,
when a COP Watchdog reset occurs; or will remain activated as long as counting
the power-on reset cycles or the low voltage is detected.
5.2
POWER-ON RESET (POR)
The internal POR is generated on power-up to allow the clock oscillator to
stabilize. The POR is strictly for power turn-on conditions and is not able to detect
a drop in the power supply voltage (brown-out). There is an oscillator stabilization
delay of 488 internal processor bus clock cycles (PH2) after the oscillator
becomes active. The RESET pin will be pulled down internally during these
cycles.
The POR will generate the RST signal which will reset the CPU. If any other reset
function is active at the end of this 488 cycle delay, the RST signal will remain in
the reset condition until the other reset condition(s) end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com