Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL48 Datasheet(PDF) 117 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 117 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 113Page - Motorola, Inc 68HC05CL48 Datasheet HTML 114Page - Motorola, Inc 68HC05CL48 Datasheet HTML 115Page - Motorola, Inc 68HC05CL48 Datasheet HTML 116Page - Motorola, Inc 68HC05CL48 Datasheet HTML 117Page - Motorola, Inc 68HC05CL48 Datasheet HTML 118Page - Motorola, Inc 68HC05CL48 Datasheet HTML 119Page - Motorola, Inc 68HC05CL48 Datasheet HTML 120Page - Motorola, Inc 68HC05CL48 Datasheet HTML 121Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
INSTRUCTION SET
MOTOROLA
REV 2.0
14-7
14.1.13Bit Manipulation Instructions
The CPU can set or clear any writable bit in the first 256 bytes of memory. Port
registers, port data direction registers, timer registers, and on-chip RAM locations
are in the first 256 bytes of memory. The CPU can also test and branch based on
the state of any bit in any of the first 256 memory locations. Bit manipulation
instructions use direct addressing. Table 14-4 lists these instructions.
14.1.14Control Instructions
These register reference instructions control CPU operation during program exe-
cution. Control instructions, listed in Table 14-5, use inherent addressing.
Table 14-4. Bit Manipulation Instructions
Instruction
Mnemonic
Clear Bit
BCLR
Branch if Bit Clear
BRCLR
Branch if Bit Set
BRSET
Set Bit
BSET
Table 14-5. Control Instructions
Instruction
Mnemonic
Clear Carry Bit
CLC
Clear Interrupt Mask
CLI
No Operation
NOP
Reset Stack Pointer
RSP
Return from Interrupt
RTI
Return from Subroutine
RTS
Set Carry Bit
SEC
Set Interrupt Mask
SEI
Stop Oscillator and Enable IRQ Pin
STOP
Software Interrupt
SWI
Transfer Accumulator to Index Register
TAX
Transfer Index Register to Accumulator
TXA
Stop CPU Clock and Enable Interrupts
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com