Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CL48 Datasheet(PDF) 125 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 125 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 121Page - Motorola, Inc 68HC05CL48 Datasheet HTML 122Page - Motorola, Inc 68HC05CL48 Datasheet HTML 123Page - Motorola, Inc 68HC05CL48 Datasheet HTML 124Page - Motorola, Inc 68HC05CL48 Datasheet HTML 125Page - Motorola, Inc 68HC05CL48 Datasheet HTML 126Page - Motorola, Inc 68HC05CL48 Datasheet HTML 127Page - Motorola, Inc 68HC05CL48 Datasheet HTML 128Page - Motorola, Inc 68HC05CL48 Datasheet HTML 129Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
ELECTRICAL SPECIFICATIONS
MOTOROLA
REV 2.0
15-1
SECTION 15
ELECTRICAL SPECIFICATIONS
15.1
MAXIMUM RATINGS
(Voltages referenced to VSS)
NOTE
Maximum current drain per pin is for one pin at a time, limited by an
external resistor.
This device contains circuitry to protect the inputs against damage due to high
static voltages or electric fields; however, it is advised that normal precautions be
taken to avoid application of any voltage higher than maximum-rated voltages to
this high-impedance circuit. For proper operation, it is recommended that V
IN and
V
OUT be constrained to the range VSS ≤ (VIN or VOUT) ≤ VDD. Reliability of operation is
enhanced if unused inputs are connected to an appropriate logic voltage level
(e.g., either V
SS or VDD).
15.2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
LCD Supply Voltage
VLCD
VDD to +6.0
V
Input Voltage
VIN
VSS – 0.3 to VDD + 0.3
V
Self-Check Mode (IRQ/IRQ Pin only)
VIN
VSS – 0.3 to 2xVDD +0.3
V
Current Drain per pin excluding VDD and VSS
I25
mA
Operating Temperature Range
TA
–10 to 70
°C
Storage Temperature Range
TSTG
–65 to 150
°C
Rating
Symbol
Value
Unit
Thermal resistance (Plastic)
θ
JA
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com