Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05P9A Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
GENERAL RELEASE SPECIFICATION
SIMPLE SERIAL INPUT/OUTPUT PORT
Rev. 2.0
7-3
7.2
SIOP Registers
The following paragraphs describe the SIOP registers.
7.2.1 SIOP Control Register (SCR)
This register is located at address $000A and contains two bits.
SPE — Serial Peripheral Enable
When set, this bit enables the serial I/O port and initializes the port B DDR such
that PB5 (SDO) is output, PB6 (SDI) is input and PB7 (SCK) is input (slave
mode only). The port B DDR can be altered subsequently as the application
requires and the port B data register (except for PB5) can be manipulated as
usual. However, these actions could affect the transmitted or received data.
When SPE is cleared, port B reverts to standard parallel I/O without affecting
the port B data register or DDR. SPE is readable and writable any time but
clearing SPE while a transmission is in progress will abort the transmission,
reset the bit counter, and return port B to its normal I/O function. Reset clears
this bit.
MSTR — Master Mode
When set, this bit configures the SIOP for master mode. This means that the
transmission is initiated by a write to the data register and the SCK pin
becomes an output providing a synchronous data clock at a fixed rate of E (bus
clock) divided by four. While the device is in master mode, the SDO and SDI
pins do not change function. These pins behave exactly as they would in slave
mode.
Reset clears this bit and configures the SIOP for slave operation.
MSTR may be set at any time regardless of the state of SPE. Clearing MSTR
will abort any transmission in progress.
$0A
0
SPE
0
MSTR
0000
RESET:
00000000
Figure 7-3. SIOP Control Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com