Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05P9A Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
GENERAL RELEASE SPECIFICATION
TIMER
MC68HC05P9A
8-4
Rev. 2.0
8.3
Input Capture Register
Two 8-bit registers, which make up the 16-bit input capture register, are read-only
and are used to latch the value of the free-running counter after the corresponding
input capture edge detector senses a defined transition. The level transition which
triggers the counter transfer is defined by the corresponding input edge bit
(IEDG). Reset does not affect the contents of the input capture register.
The result obtained by an input capture will be one more than the value of the
free-running counter on the rising edge of the internal bus clock preceding the
external transition. This delay is required for internal synchronization. Resolution
is one count of the free-running counter, which is four internal bus clock cycles.
The free-running counter contents are transferred to the input capture register on
each proper signal transition regardless of whether the input capture flag (ICF) is
set or clear. The input capture register always contains the free-running counter
value that corresponds to the most recent input capture.
After a read of the input capture register ($14) MSB, the counter transfer is
inhibited until the LSB ($15) is also read. This characteristic causes the time used
in the input capture software routine and its interaction with the main program to
determine the minimum pulse period.
A read of the input capture register LSB ($15) does not inhibit the free-running
counter transfer since they occur on opposite edges of the internal bus clock.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com