Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05P9A Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
Rev. 2.0
13-1
SECTION 13
ELECTRICAL SPECIFICATIONS
13.1
Maximum Ratings
(Voltages referenced to VSS
This device contains circuitry to protect the inputs against damage due to high
static voltages or electric fields; however, it is advised that normal precautions be
taken to avoid application of any voltage higher than maximum-rated voltages to
this high-impedance circuit. For proper operation, it is recommended that V
in and
V
out be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. Reliability of operation
is enhanced if unused inputs are connected to an appropriate logic voltage level
(e.g., either V
SS or VDD).
13.2
Thermal Characteristics
Rating
Symbol
Value
Unit
Supply Voltage
VDD
-0.3 to +7.0
V
Input Voltage
VIN
VSS -0.3 to VDD +0.3
V
Self-Check Modes (IRQ Pin Only)
VIN
VSS -0.3 to
2 x VDD +0.3
V
Current Drain Per Pin Excluding VDD and VSS
I25
mA
Operating Temperature Range
68HC05P9AP (Standard)
68HC05P9ACP (Extended)
68HC05P9AVP (Automotive)
68HC05P9AMP (Automotive)
TA
TL to TH
0 to +70
-40 to +85
-40 to +105
-40 to +125
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Characteristic
Symbol
Value
Unit
Thermal Resistance
Plastic DIP
Plastic SOIC
θ
JA
60
71
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com