Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05P9A Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
GENERAL RELEASE SPECIFICATION
SELF-CHECK MODE
MC68HC05P9A
11-2
Rev. 2.0
Figure 11-1. Self-Check Circuit
10 K
Ω
V
DD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
28
21
22
23
24
25
26
V
DD
4.7 K
Ω
RESET
IRQ
PA5
PA4
PA3
PA2
PA1
PA0
PA6
PA7
SDO/PB5
SDI/PB6
SCK/PB7
V
SS
1
µf
20 pF
10 M
Ω
4 MHz
20 pF
PC0
V
DD
OSC1
OSC2
TCAP/PD7
TCMP
PD5
PC1
PC2
PC3
PC4
PC5
PC6
PC7
V
DD
V
TST
20
19
18
17
16
15
10 K
Ω
470
Ω
10 K
Ω
V
TST
= 10.0 V
V
DD
= 5.0 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com